Part Number Hot Search : 
APTM5 Z50FG CZRW5254 1H273 CXX0G CXA10 RS601M10 ADG222TQ
Product Description
Full Text Search
 

To Download HY162XX01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HY162XX01
1EXTERNAL DIMENSION AND DISPLAY PATTERN
16 CHAR X 2 LINE
* LED BACKLIGHT VERSION=9.0 ** LED BACKLIGHT VERSION=14.0
2MECHANICAL DATA
ITEM
Module Size (WxHxT) Viewing Area (WxH) Character Font (WxH) Character Size (WxH) Character Pitch (WxH) Dot Size (WxH)
5ABSOLUTE MAXIMUM RATINGS
UNIT
mm mm dots mm mm mm
SPECIFICATION
84.0x44.0x10.0 (LED:14.0) 61.0x17.0 5x7 with Cursor 2.95x5.55 3.55x5.95 0.55x0.65
PARAMETER
Supply Voltage (Logic) Supply Voltage (Driver) Input Voltage
SYMBOL
VDD - VSS VO VIN
MIN.
-0.3 VDD - 12 -0.3
MAX.
7.0 VDD + 0.3 VDD+0.3
UNIT
V V V
3PIN CONFIGURATION
PIN
1 2 3 4 5 6 7 ~ 14 15 16
6ELECTRICAL CHARACTERISTICS (Ta=25)
ITEM
Supply Voltage (Logic) Supply Current (Logic) "HIGH" Input Voltage "LOW" "HIGH" Output Voltage "LOW" LCD Operating Voltage Supply Voltage LCD Drive
SYMBOL
VSS VDD Vo RS R/W E DB0 to DB7 A K
SIGNAL DESCRIPTION
GND (0V) Power Supply Supply Voltage LCD Driving Register Select Low = Instruction, High = Data Read/Write Low = MPU to LCM, High = LCM to MPU Enable R/W= Low : Data are talking over at falling edge R/W=High : Data can be read at E=1 Data Bus-Software Selectable 4 or 8bit Mode Anode of LED Unit Cathode of LED Unit
SYMBOL
VDD- VSS IDD VIH VIL VOH VOL VDD - Vo
CONDITION
VDD=5V -IOH=0.2mA IOL=1.2mA
SPEC. VALUE
MIN. TYP. MAX.
UNIT V mA V V V V V
4.5 2.2 -0.3 2.4 4.2 -
5.0 0.8 4.4 (7.8) 1.0
5.5 2.0 VDD 0.6 0.4 4.6 1.5
VDD=5V, Ta=25 Io
mA
Note : ( ) Value is high Reliability type
4BLOCK DIAGRAM
7BACKLIGHTING CHARACTERISTICS (Ta=25) LED
ITEM Supply Voltage Power Consumption Luminous SYMBOL VLED PLED IV CONDITION IF=90mA IF=90mA MIN. TYP. 3.75 116 MAX. 4.0 380 UNIT V mW cd/m2


▲Up To Search▲   

 
Price & Availability of HY162XX01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X